PART |
Description |
Maker |
LM2931-D |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
|
ON Semiconductor
|
LM2931 LM2931A NCV2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection(100mA,可调输出,带有60V负载保护的低压差稳压
|
ON Semiconductor
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
NCV8503PWADJG NCV8503PWADJR2G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
可调正电压单路输出LDO稳压 ON Semiconductor
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|
PM6680ATR PM6680A |
Dual synchronous step-down controller with adjustable output voltages plus LDO
|
STMicroelectronics
|
UZ1086L-AD-TQ2-R UZ1086L-AD-TQ3-R UZ1086L-AD-TA3-T |
ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 LEAD FREE, TO-263, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 LEAD FREE, TO-263, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 LEAD FREE, TO-220, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO3 LEAD FREE, SOT-223, 4 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 LEAD FREE, TO-252, 3 PIN
|
Unisonic Technologies Co., Ltd.
|
A440212 |
The A4402 is a dual-output regulator, combining in a single package a constant on-time buck regulator and a linear regulator (LDO)―each with adjustable output voltages.
|
Allegro MicroSystems
|
NCV4269C NCV4269CD150R2G NCV4269CD250R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
|
ON Semiconductor
|
MIC5219-2.6BM5 MIC5219-2.7BM5 MIC5219-2.8BM5 MIC52 |
500mA-Peak Output LDO Regulator ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA-Peak Output LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator 2.7 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc. Linear Technology, Corp. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
VKA100MS02C VKA100MS03C VKA100MS02FC VKA100MS03FC |
100 Watt Adjustable Output DC/DC Converter
|
Murata Manufacturing Co., Ltd.
|
|